PART |
Description |
Maker |
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
CMR05C2R5DODP CMR04C2R5DODP CMR04F271GPCR CMR05C12 |
CAPACITOR, MICA, 500 V, 0.0000025 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 300 V, 0.00027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00016 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00013 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00018 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.000062 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.024 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.002 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, MICA, 500 V, 0.00039 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP,Mica,6pF,500VDC,.5-pF Tol,.5 Tol,-200,200ppm-TC CAPACITOR, MICA, 500 V, 0.000006 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
MRF275G MRF275 |
150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
|
MOTOROLA[Motorola, Inc]
|
IXFH24N50 IXFH26N50 IXFT26N50 IXFM24N50 IXFH26N50S |
26 A, 500 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD 2MM TERMINAL STRIPS HiPerFET Power MOSFETs 24 A, 500 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
MTV16N50E MTV16N50E_D ON2670 MTV16N50E-D TV16N50E |
16 A, 500 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM TMOS E-FET Power Field Effect Transistor D3PAK for Surface Mount N-Channel Enhancement - Mode Silicon Gate
|
ETC Motorola, Inc ON Semiconductor
|
FDG6313N FDG6313NNL |
25V Dual N-Channel, Digital FET 500 mA, 25 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp.
|
SFF440M |
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254
|
Solid State Devices, Inc.
|
MTD1P50E |
TMOS POWER FET 1.0 AMPERES 500 VOLTS 15 OHM 1 A, 500 V, 15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Motorola, Inc
|
IRF840 IRF820 IRFE430-JQR-B IRF741 IRFE210-JQR-BE4 |
8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 1.725 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 1.8 A, 200 V, 1.725 ohm, Si, POWER, MOSFET 1.2 A, 400 V, 4.15 ohm, N-CHANNEL, Si, POWER, MOSFET 3.1 A, 100 V, 0.69 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220
|
SEMELAB LTD
|
APT20F50B APT20F50S |
N-Channel FREDFET 20 A, 500 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247
|
Microsemi Corporation MICROSEMI POWER PRODUCTS GROUP
|
APT30F50B |
N-Channel FREDFET 30 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB
|
Microsemi, Corp.
|
IXTN36N50 |
N-Channel Enhancement Mode 36 A, 500 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp. IXYS Corporation
|
|